PART |
Description |
Maker |
SAK-C164CM-4EF SAK-C164CM-4RF C164SM |
16-Bit Single-Chip Microcontrol ler 16位单芯片Microcontrol莱尔
|
Infineon Technologies AG
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
S3C9014 S3C9004S3P9004 S3P9014 |
8-Bit Single-Chip CMOS Microcontrollers Single-chip 8-bit Microcontroller Data Sheet
|
Samsung Electronic
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
UPD78062 UPD78062GCA-XXX-7EA UPD78062GC-XXX-7EA UP |
8-bit microcomputer 78K/0 incorporating LCD controller/driver 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit single-chip microcomputer
|
NEC
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|